|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
OCO-M36AS Through hole OCXO Sine wave Features Applications: CDMA, 3G, networking, instrumentation High frequency stability vs. temperature (up to 1 x 10-10) Wide operating temperature range: -40 up to +85 C Low aging Parameter Frequency range Standard frequencies Frequency stability vs. operating temperature range vs. supply voltage change vs. load change vs. aging after 30 days of operation Short term stability Output waveform Output load Supply voltage Steady state current consumption @ +25 C Warm-up time Frequency pulling range Vcontrol (Vc) via external voltage Reference voltage output (Vref) Phase noise @ 10 MHz carrier frequency & Vdc = 12 V Specification OCO-M36AS5 OCO-M36AS12 8.1920 ~ 20.0000 MHz 10.00, 12.80, 13.00, 16.384 & 20.00 MHz 1.0 x 10-9 over -40 ~ +85 C 7.5 x 10-10 over -20 ~ +70 C -10 5.0 x 10 over -10 ~ +60 C 5 x 10-10 5 % -10 5 x 10 5 % -8 3 x 10 1st year < 5 x 10-12 Allan deviation per 1 s sine wave > 300 mV (rms) sine wave > 9 dBm 50 5 % +5.0 V 5 % +12 V 5 % < 400 mA < 150 mA < 3 min < 2 x 10-8 @ +25 C > 4 x 10-7 positive slope 0 ~ +4.5 V 0 ~ +5.0 V +4.5 V +5.0 V < -125 dBc/Hz @ 10 Hz < -145 dBc/Hz @ 100 Hz < -150 dBc/Hz @ 1 kHz < -155 dBc/Hz @ 10 kHz Harmonics suppression Operating temperature range Storage temperature range -10 ~ +60 C, > -30 dBc -20 ~ +70 C, -40 ~ +70 C -55 ~ +85 C or -40 ~ +85 C Case height (H) Environmental test vibration shock 10.0, 12.7 or 16.0 mm acceleration: 5 g; 10 Hz up to 200 Hz and down to 10 Hz; all 3 axes, 4.5 h/axis 75 g, half-sine, 3 ms (3 shocks each, 6 directions) Pin function 1# 2# 3# 4# 5# Vc Vref Vdc RF output GND Circuit diagram CBP = 0.01 mF www..com Zout = 50 2002/95/EC RoHS compliant QuartzCom AG sales@quartzcom.com www.quartzcom.com QuartzCom Asia sales-asia@quartzcom.com QuartzCom USA sales-usa@quartzcom.com 12 May. 10 |
Price & Availability of OCO-M36AS |